Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTR-MYAA( )D Datasheet (PDF) - FCL COMPONENTS LIMITED

FTR-MYAA( )D Datasheet PDF - FCL COMPONENTS LIMITED
Part # FTR-MYAA( )D
Download  FTR-MYAA( )D Download
File Size   463.74 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 5A 110mW SLIM POWER RELAY

FTR-MYAA( )D Datasheet (PDF)

Go To PDF Page Download Datasheet
FTR-MYAA( )D Datasheet PDF - FCL COMPONENTS LIMITED

Part # FTR-MYAA( )D
Download  FTR-MYAA( )D Click to download

File Size   463.74 Kbytes
Page   7 Pages
Manufacturer  FCL [FCL COMPONENTS LIMITED]
Direct Link  https://www.fcl-components.com/en
Logo FCL - FCL COMPONENTS LIMITED
Description 1 POLE - 5A 110mW SLIM POWER RELAY

FTR-MYAA( )D Datasheet (HTML) - FCL COMPONENTS LIMITED


FTR-MYAA( )D Product details

FEATURES
APPLICATIONS
• Width 5mm, height 12mm (31% smaller than NY series), mounting area
100mm2, super slim, low power, compact and light weight 2.5g
• Nominal power: 110mW (8% less than NY series)
• Operate power: 54mW
• High sensitive
• High reliable contacts, bifurcated gold overlay AgNi (cadmium free)
• Conform to UL61010-1, UL61010-2-201, IEC/EN61010-1, IEC/EN61010-
2-201 (max. 277VAC)
• Dielectric strength: 3,000VAC
• Surge strength: 5,080V
• Safety standards: cULus, CSA, VDE, CQC
• RoHS compliant
• Plastic sealed type, RTIII
PLC, FA equipment etc.




Similar Part No. - FTR-MYAA( )D

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-MYAA005D FUJITSU-FTR-MYAA005D Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-MYAA006D FUJITSU-FTR-MYAA006D Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-MYAA009D FUJITSU-FTR-MYAA009D Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-MYAA012D FUJITSU-FTR-MYAA012D Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
FTR-MYAA018D FUJITSU-FTR-MYAA018D Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
More results


Similar Description - FTR-MYAA( )D

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FTR-F2 FUJITSU-FTR-F2 Datasheet
607Kb / 8P
POWER RELAY 1 POLE-5A (CADMIUM FREE CONTACTS TYPE)
FTR-F3 FUJITSU-FTR-F3_1 Datasheet
637Kb / 7P
POWER RELAY 1 POLE 3A SLIM TYPE RELAY
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-JR FUJITSU-FTR-JR Datasheet
524Kb / 7P
POWER RELAY 1 POLE 16 A-SLIM POWER RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
JV-3S-KT FUJITSU-JV-3S-KT Datasheet
606Kb / 8P
POWER RELAY 1 POLE - 5A/10A Medium Load Control
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
1a 5A slim power relay for interface
logo
fujitsu semiconductor
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
2280140 PANASONIC-2280140 Datasheet
808Kb / 5P
1a 5A slim power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com